Part Number Hot Search : 
FXXXX SEMICO 110ZA1T STBN075 PM0006 74LVQ374 SM5H1 04008
Product Description
Full Text Search
 

To Download L2SC4081ST1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. general purpose transistors 1 3 2 s-l2sc4081qt1g series sc-70/sot? 323 maximum ratings rating symbol value unit collector?emitter voltage v ceo 50 v collector?base voltage v cbo 60 v emitter?base voltage v ebo 7.0 v collector current ? continuous i c 150 madc collector power dissipation p c 0.15 w junction temperature t j 150 c storage temperature t stg - 55 ~ +150 c 2 emitter 3 collector 1 base npn silicon feature ? low cob,cob=2pf(typ.). ? epitaxial planar type. ? pnp complement:l2sa1576a ? device marking and ordering information device marking shipping l2sc4081qt1g bq 3000/tape&reel l2sc4081qt3g bq 10000/tape&reel l2sc4081rt1g br 3000/tape&reel l2sc4081rt3g br 10000/tape&reel l2sc4081st1g bs 3000/tape&reel l2sc4081st3g bs 10000/tape&reel we declare that the material of product compliance with rohs requirements. rev.o 1/5 l2sc4081qt1g series ? s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. s-l2sc4081qt1g s-l2sc4081qt3g s-l2sc4081rt1g s-l2sc4081rt3g s-l2sc4081st1g s-l2sc4081st3g
leshan radio company, ltd. electrical characteristics (t a = 25c unless otherwise noted.) characteristic symbol min typ max unit collector?emitter breakdown voltage v (br)ceo 50 ? ? v (i c = 1 ma) emitter?base breakdown voltage v (br)ebo 7??v (i e = 50 a) collector?base breakdown voltage v (br)cbo 60 ? ? v (i c = 50 a) collector cutoff current i cbo ? ? 0.1 a (v cb = 60 v) emitter cutoff current i ebo ? ? 0.1 a (v eb = 7 v) collector-emitter saturation voltage v ce(sat) ? ? 0.4 v (i c / i b = 50 ma / 5m a) dc current transfer ratio h fe 120 ?? 560 ?? (v ce = 6 v, i c = 1ma) transition frequency f t ? 180 ?? mhz (v ce = 12 v, i e = ? 2ma, f =30mhz ) output capacitance c ob ? 2.0 3.5 pf (v cb = 12 v, i e = 0a, f =1mhz ) l2sc4081qt1g series h fe values are classified as follows: qrs h fe 120~270 180~390 270~560 * rev.o 2/5 s-l2sc4081qt1g series
leshan radio company, ltd. 0 ?0.2 ?0.4 ?0.6 ?0.8 ?1.0 ?1.2 ?1.4 ?1.6 t a = 100c 25c ? 55c 50 20 10 50 2 1 0.5 0.2 0.1 0 0.4 0.8 1.2 1.6 2.0 t a = 25c 100 80 60 40 20 0 i c , collector current (ma) fig.1 grounded emitter propagation characteristics fig.2 grounded emitter output characteristics( ) fig.3 grounded emitter output characteristics( ) fig.4 dc current gain vs. collector current ( ) fig.5 dc current gain vs. collector current ( ) fig.6 collector-emitter saturation voltage vs. collector current v ce = 6 v v be , base to emitter voltage(v) i c , collector current (ma) v ce , collector to emitter voltage (v) 0 48121620 10 8 6 4 2 0 i c , collector current (ma) v ce , collector to emitter voltage (v) 500 200 100 50 20 10 h fe , dc current gain i c , collector current (ma) 0.2 0.5 1 2 5 10 20 50 100 200 500 200 100 50 20 10 h fe , dc current gain i c , collector current (ma) 0.5 0.2 0.1 0.05 0.02 0.01 v ce(sat) , collector saturation voltage(v) i c , collector current (ma) 0.50ma 0.2 0.5 1 2 5 10 20 50 100 200 0.2 0.5 1 2 5 10 20 50 100 200 rev.o 3/5 l2sc4081qt1g series s-l2sc4081qt1g series
leshan radio company, ltd. fig.8 collector-emitter saturation voltage vs. collector current ( ) v ce(sat) , collector saturation voltage(v) i c , collector current (ma) 0.2 0.5 1 2 5 10 20 50 100 fig.9 gain bandwidth product vs. emitter current 500 200 100 50 f r , transition frequency(mhz) i e , emitter current (ma) ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 fig.10 collector output capacitance vs.collector-base voltage emitter inputcapacitance vs. emitter-base voltage 20 10 5 2 1 c ob , collector output capacitance( pf) c ib , emitter input capacitance (pf) v cb , collector to base voltage (v) v eb , emitter to base voltage (v) 0.2 0.5 1 2 5 10 20 50 fig.7 collector-emitter saturation voltage vs. collector current ( ) 0.5 0.2 0.1 0.05 0.02 0.01 v ce(sat) , collector saturation voltage(v) i c , collector current (ma) 0.2 0.5 1 2 5 10 20 50 100 200 0.5 0.2 0.1 0.05 0.02 0.01 fig.11 base-collector time constant vs.emitter current 200 100 50 20 10 c c - r bb , base collector time constant( ps) i e , emitter current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 rev.o 4/5 l2sc4081qt1g series s-l2sc4081qt1g series
leshan radio company, ltd. sc - 70 / sot - 323 a a2 d e1 b e e a1 c l 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 0.05 (0.002) 1.9 0.075 0.65 0.025 0.65 0.025 0.9 0.035 0.7 0.028  mm inches  scale 10:1 xx m xx = specific device code m = date code  = pb?free package generic marking diagram *this information is generic. please refer to device data sheet for actual part marking. pb?free indicator, ago or microdot a  o, may or may not be present. 1 soldering footprint* h e dim a min nom max min millimeters 0.80 0.90 1.00 0.032 inches a1 0.00 0.05 0.10 0.000 a2 0.7 ref b 0.30 0.35 0.40 0.012 c 0.10 0.18 0.25 0.004 d 1.80 2.10 2.20 0.071 e 1.15 1.24 1.35 0.045 e 1.20 1.30 1.40 0.047 0.035 0.040 0.002 0.004 0.014 0.016 0.007 0.010 0.083 0.087 0.049 0.053 0.051 0.055 nom max l 2.00 2.10 2.40 0.079 0.083 0.095 h e e1 0.65 bsc 0.425 ref 0.028 ref 0.026 bsc 0.017 ref rev.o 5/5 l2sc4081qt1g series s-l2sc4081qt1g series


▲Up To Search▲   

 
Price & Availability of L2SC4081ST1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X